Part Number Hot Search : 
SC470 BZM55C43 STM9435 XXXGPX AS8501 MAX11 MT9173 330M35
Product Description
Full Text Search
 

To Download P6SMB16CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
P6SMB SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts 600 Watt Peak Pulse Power
FEATURES
* For surface mounted applications in order to optimize board space * Glass passivated junction * Built-in strain relief * Excellent clamping capability * Low profile package * Low inductance * Excellent clamping capability * Fast response time: typically less than 1.0 ps from 0 volts to BV min * Typical IR less than 1A above 10V * High temperature soldering guaranteed: 250C/10 seconds at terminals
MECHANICAL DATA
Case: JEDEC DO-214AA Molded plastic Terminal Solder plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Standard Packaging: 12mm tape(EIA STD RS-481) Weight: 0.003 ounces, 0.093 grams
Dimensions in inches (millimeters)
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use CA Suffix for types P6SMB6.8CA thru types P6SMB550CA Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation at TA = 25 C, TP = 1ms (Note 1) Peak Pulse Current of on 10/1000 s waveform (Note 1) Steady State Power Dissipation at TL = 75C Lead lengths .375", 9.5mm (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method)(Note 3) Operatings and Storage Temperature Range
SYMBOL PPPM
IPPM
VALUE
Minimum 600 SEE TABLE 1 1.0 100 -55 +150
UNITS
Watts Amps Watts Amps C
PM(AV) IFSM
TJ, TSTG
NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on 5.0mm2 (0.03mm thick) Copper Pads to each termina 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum. Certified RoHS Compliant UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES P6SMB SERIES
Fig. 1 - Peak Pulse Power Rating Curve
100
100
Fig.2 - Pulse Derating Curve
Peak Pulse Power (PPP) or Current (IPP) Derating in Percentage,%
87.5
PppM-Peak Pulse Power
75
10
62.5
50
1
37.5
(kW)
0.2x0.2"(5.0x5.0mm) Copper Pad Areas
25
12.5
0.1
0.1s
1.0s
10s
100s
1.0ms
10ms
0 0 25 50 75 100 125 150 175 200
td - Pulse Width (sec.)
TA - Ambient Temperature
Fig.3 - Pulse Waveform
150
IPPM - Peak Pulse Current,% IRSM
tr = 10sec.
Peak Value IPPM 100 Half Value- I PPM 2
TJ = 25C Pulse Width (t d) is defined as the point where the peak current decays to 50% of I PPM
10000
Fig.4 - Typical Junction Capacitance
Measured at Zero Bias
6000
CJ - Junction Capacitance(pF)
1000
50
10/1000sec.Waveform as defined by R.E.A.
100
VR,Measured at Stand-Off Voltage, VWM TJ = 25C f = 1.0MHZ Vsig = 50mVp-p 100 200
td
0 0 1.0 2.0
3.0
3.0
4.0
1000
4.0
10
Uni-Directional Bi-Directional 1.0 10
t - Time(ms)
VWM - Reverse Stand-Off Voltage (V) Fig. 5 - Typ.Transient Thermal Impedance
100
Fig.6 - Maximum Non-Repetitive Peak Forward Surge Current
200
Transient Thermal Impedance (/W)
IFSM-Peak Forward Surge Current (A)
8.3ms Single Half Sine-Wave (JEDEC Method) Unidirectional Only
100
10
1.01
0.1 0 0.2 0.4 0.6 0.8 1 1.2
10 0 0.2 0.4 0.6 0.8 1 1.2
tp-Pulse Duration (sec)
Number of Cycles at 60 Hz
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 * Fax: 760-564-2414 1-800-831-4881 Email: sales@mdesemicondutor.com Web: www.mdesemiconductor.com
600 Watts Surface Mount TVS
MARKING CODE
P6SMB PART NUMBER
P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB P6SMB 6.8A 7.5A 8.2A 9.1A 10A 11A 12A 13A 15A 16A 18A 20A 22A 24A 27A 30A 33A 36A 39A 43A 47A 51A 56A 62A 68A 75A 82A 91A 100A 110A 120A 130A 150A 160A 170A 180A 200A 220A 250A 300A 350A 400A 440A 480A 510A 530A 540A 550A 6.8CA 7.5CA 8.2CA 9.1CA 10CA 11CA 12CA 13CA 15CA 16CA 18CA 20CA 22CA 24CA 27CA 30CA 33CA 36CA 39CA 43CA 47CA 51CA 56CA 62CA 68CA 75CA 82CA 91CA 100CA 110CA 120CA 130CA 150CA 160CA 170CA 180CA 200CA 220CA 250CA 300CA 350CA 400CA 440CA 480CA 510CA 530CA 540CA 550CA
UNIPOLAR 6V8A 7V5A 8V2A 9V1A 10A 11A 12A 13A 15A 16A 18A 20A 22A 24A 27A 30A 33A 36A 39A 43A 47A 51A 56A 62A 68A 75A 82A 91A 100A 110A 120A 130A 150A 160A 170A 180A 200A 220A 250A 300A 350A 400A 440A 480A 510A 530A 540A 550A
REVERSE BREAKDOWN BREAKDOWN PEAK REVERSE MAXIMUM TEST STAND- OFF PULSE VOLTAGE VOLTAGE LEAKAGE @ CURRENT CLAMPING VOLTAGE VBR(V) MIN.@IT VBR(V) VRWM VOLTAGE CURRENT IT (mA) BIVRWM (V) Ipp (A) IR(A) @Ipp Vc(V) MAX.@IT POLAR 6V8C 7V5C 8V2C 9V1C 10C 11C 12C 13C 15C 16C 18C 20C 22C 24C 27C 30C 33C 36C 39C 43C 47C 51C 56C 62C 68C 75C 82C 91C 100C 110C 120C 130C 150C 160C 170C 180C 200C 220C 250C 300C 350C 400C 440C 480C 510C 530C 540C 550C 5.80 6.40 7.02 7.78 8.55 9.40 10.20 11.10 12.80 13.60 15.30 17.10 18.80 20.50 23.10 25.60 28.20 30.80 33.30 36.80 40.20 43.60 47.80 53.00 58.10 64.10 70.10 77.80 85.50 94.00 102.00 111.00 128.00 136.00 145.00 154.00 171.00 185.00 214.00 256.00 300.00 342.00 376.00 408.00 434.00 450.00 459.00 467.00 6.45 7.13 7.79 8.65 9.50 10.50 11.40 12.40 14.30 15.20 17.10 19.00 20.90 22.80 25.70 28.50 31.40 34.20 37.10 40.90 44.70 48.50 53.20 58.90 64.60 71.30 77.90 86.50 95.00 105.00 114.00 124.00 143.00 152.00 162.00 171.00 190.00 209.00 237.00 285.00 332.00 380.00 418.00 456.00 485.00 503.50 513.00 522.50 7.14 7.88 8.61 9.55 10.50 11.60 12.60 13.70 15.80 16.80 18.90 21.00 23.10 25.20 28.40 31.50 34.70 37.80 41.00 45.20 49.40 53.60 58.80 65.10 71.40 78.80 86.10 95.50 105.00 116.00 126.00 137.00 158.00 168.00 179.00 189.00 210.00 231.00 263.00 315.00 368.00 420.00 462.00 504.00 535.00 556.50 567.00 577.50 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.5 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0 658.0 698.0 725.0 740.0 760.0 58.1 54.0 50.4 45.5 42.1 39.1 36.5 33.5 28.8 27.1 24.2 22.0 19.9 18.4 16.3 14.7 13.3 12.2 11.3 10.3 9.4 8.7 7.9 7.2 6.6 5.9 5.4 4.9 4.5 4.0 3.7 3.4 2.9 2.7 2.6 2.5 2.2 1.9 1.8 1.5 1.3 1.1 1 0.9 0.9 0.8 0.8 0.8 1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of P6SMB16CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X